Part Number Hot Search : 
13000 GRM32E B2510 B2510 AZ386 20012 BD796 MA2D750
Product Description
Full Text Search
 

To Download PS152R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1. DATA SHEET
PS150R~PS1510R
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes
FEATURES
* High current capability. * Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Low leakage. * Exceeds environmental standards of MIL-S-19500/228 * Fast switching for high efficiency.
.300(7.6) .230(5.8) 1.0(25.4) MIN.
DO-15
.034(.86) .028(.71)
Unit: inch ( mm )
* 1.5 ampere operation at TA=55C with no thermal runaway.
MECHANICAL DATA
Terminals: Axial leads, solderable to MIL-STD-202,Method 208 Polarity: Color Band denotes cathode end Mounting Position: Any Weight: 0.015 ounce, 0.4 gram
1.0(25.4) MIN.
.140(3.6) .104(2.6)
Case: Molded plastic, DO-15
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
PS150R PS151R PS152R PS154R PS156R PS158R PS1510R Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current .375"(9.5mm) lead length at TA=55C Peak Forward Surge Current, IFM (surge):8.3ms single half sine-wave superimposed on rated load(JEDEC method) Maximum Forward Voltage at 1.5A Maximum Full Load Reverse Current Full Cycle Average ,.375",9.5mm Lead Length at TA=25C Maximum DC Reverse Current at Rated DC Blocking Voltage TA=100C Maximum Reverse Recovery Time(Note 1) Typical Junction capacitance (Note 2) Typical Junction Resistance(Note 3) RJA Operating and Storage Temperature Range TJ 150 25 45 -55 to +150 1.5 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000
UNIT
V V V A
50.0 1.30 5.0 500 250 500
A V A A ns pF C/ W C
NOTES:1. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
DTAE : SEP.14.2002
PAGE . 1
RATING AND CHARACTERISTIC CURVES
t rr
+0.5A
50 Noninductive
10 Noninductive
0 -0.25
(-)
(+) 25Vdc (approx) (-)
PULSE GENERATOR NOTE 2
1 Non inductive (+) OSCILLOSCCOPE NOTE 1
NOTES: 1.Rise T ime=7ns m ax
Input Impedance=1 m egohm. 22pF 2. Rise T ime=10ns m ax. Source Impedance = 5 O 0 hms
-1.0 SET TIME BASE FOR10ns/cm
1cm
Fig.1 -REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
10 1.50
AVERAGE F URRENT, AMPERES ORWARD C
1.25
1
1.00
IFM,Apk
0.75
0.1
0.50
0.25
SINGLE P GASE HALF W AVE 60HZ RESISTIVE O R INDUCTIVE L OAD .375" 9.5mm L EAD L ENGTHS 50 75 100 125 150 175
0.01 0
0 .2 .4 .6 .8 1.0 1.2 1.6 1.8
25
FORWARD VOLTAGE - VFM(Vpk) Fig.2 -FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, OC Fig.3 -FORWARD CURRENT DERATING CURVE
A JUNCTION CAP CTIANCE, pF
70 T=25 C J f=1.0MHz Vsig=50mVp-p
O
URGE C URRENT, AMPERES FORWARD S
100
100
60 50 40 30 20 10
40 20
10
4 2
1 .1
.2
.4
1.0
2
4
10
20
40
.1
.5
1
5
10
20
50 100
REVERSE VOLTAGE, VOLTS Fig.4 -TYPICAL JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
MUNBER OF CYCLES AT 60Hz Fig.5 -PEAK FORWARD SURGE CURRENT
DTAE : SEP.14.2002
PAGE . 2


▲Up To Search▲   

 
Price & Availability of PS152R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X